データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS-585 データシート(PDF) 1 Page - Epson Company

部品番号 FS-585
部品情報  SAW RESONATOR For Automotive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPSON [Epson Company]
ホームページ  http://www.epsondevice.com
Logo EPSON - Epson Company

FS-585 データシート(HTML) 1 Page - Epson Company

  FS-585 Datasheet HTML 1Page - Epson Company FS-585 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal unit
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
Nominal frequency range
f_nom
300 MHz to 500 MHz
Please contact us about available frequencies.
Storage temperature
T_stg
-40
C to +125 C
Storage as single product.
Operating temperature
T_use
-40
C to +120 C
Level of drive
DL
2 mW Typ.
Frequency tolerance (standard)
f_tol
50  10-6, 100  10-6
+25
C
Turnover temperature
Ti
+40
C 10 C
Please contact us for inquires about
Peak temperature
Parabolic coefficient
B
Harmonic ratio
RS/ R1
2 Min.
Motional resistance (ESR)
R1
18
 Max.
Frequency aging
f_age
10  10-6 / year Max.
+25
C
Shock resistance
S.R.
10  10-6 Max.
Nine drops on a concrete surface from 1500 mm
Product name
FS-585
312.00000MHz
99.0
+50.0-50.0
(Standard form)
①Model
②Frequency
③Load capacitance(99.0=)
④Frequency tolerance(× 10
-6, +25 C)
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
-0.6
+0.8
-(3.4
)
10-8 / C2
SAW RESONATOR
For Automotive
FS - 585
Frequency range
:
300 MHz to 500 MHz
External dimensions : 4.8 × 5.2 × 1.5 mm
Overtone order
:
Fundamental
Applications
:
TPMS
1.5 ±0.2
4.8 ±0.2
31224H
E 129
1.27
#8
#6
#4
0.8
#7
#3
#2
2.54
#5
#1
#1
#5
#4
#3
#2
#6
#7
#8
Pin map
Pin
Connection
3,7
IN, OUT
4,8
N.C.
1,2,5,6
GND
#1,#2,#5,#6 are connected to the cover.
0.95
2.54
3.5
Product Number (please contact us)
Q25FS5850xxxx00


同様の部品番号 - FS-585

メーカー部品番号データシート部品情報
logo
Epson ToYoCom
FS-585 EPSONTOYOCOM-FS-585 Datasheet
332Kb / 2P
SAW RESONATOR FOR TPMS
More results

同様の説明 - FS-585

メーカー部品番号データシート部品情報
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Epson ToYoCom
FS-585 EPSONTOYOCOM-FS-585 Datasheet
332Kb / 2P
SAW RESONATOR FOR TPMS
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
Epson Company
NS-21R EPSON-NS-21R Datasheet
360Kb / 2P
SAW RESONATOR For Automotive
NS-32R EPSON-NS-32R Datasheet
392Kb / 2P
SAW RESONATOR For Automotive
logo
Epson ToYoCom
FS-32R EPSONTOYOCOM-FS-32R Datasheet
392Kb / 2P
Saw Resonator For Automotive
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com