データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMS87C1302AD データシート(PDF) 29 Page - Hynix Semiconductor

部品番号 HMS87C1302AD
部品情報  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1302AD データシート(HTML) 29 Page - Hynix Semiconductor

Back Button HMS87C1302AD Datasheet HTML 25Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 26Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 27Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 28Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 29Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 30Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 31Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 32Page - Hynix Semiconductor HMS87C1302AD Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
HYUNDAI MicroElectronics
HMS87C1304A/HMS87C1302A
Jan. 2001
Preliminary
29
9. I/O PORTS
The HMS87C1304A and HMS87C1302A has four ports,
RA, RB, RC and RD. These ports pins may be multiplexed
with an alternate function for the peripheral features on the
device. In general, when a initial reset state, all ports are
used as a general purpose input port.
All pins have data direction registers which can set these
ports as output or input. A “1” in the port direction register
defines the corresponding port pin as output. Conversely,
write “0” to the corresponding bit to specify as an input
pin. For example, to use the even numbered bit of RA as
output ports and the odd numbered bits as input ports, write
“55H” to address C1H (RA direction register) during initial
setting as shown in Figure 9-1 .
Reading data register reads the status of the pins whereas
writing to it will write to the port latch.
Figure 9-1 Example of port I/O assignment
9.1 RA and RAIO registers
RA is an 8-bit bidirectional I/O port (address C0H). Each
port can be set individually as input and output through the
RAIO register (address C1H).
RA7~RA1 ports are multiplexed with Analog Input Port
(AN7~AN1) and RA0 port is multiplexed with Event
Counter Input Port (EC0).
Figure 9-2 Registers of Port RA
The control register RAFUNC (address CAH) controls to
select alternate function. After reset, this value is “0”, port
may be used as general I/O ports. To select alternate func-
tion such as Analog Input or External Event Counter Input,
write “1” to the corresponding bit of RAFUNC.Regardless
of the direction register RAIO, RAFUNC is selected to use
as alternate functions, port pin can be used as a correspond-
ing alternate features (RA0/EC0 is controlled by RB-
FUNC)
I: INPUT PORT
WRITE “55H” TO PORT RA DIRECTION REGISTER
0
1
0
1
0
1
0
1
I
O
I
O
I
O
I
O
RA DATA
RB DATA
RA DIRECTION
RB DIRECTION
C0H
C1H
C2H
C3H
7654
321
0
BIT
7
654
321
0 PORT
O: OUTPUT PORT
RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
RA Data Register
RA
ADDRESS : C0H
RESET VALUE : Undefined
RA Direction Register
RAIO
ADDRESS : C1H
RESET VALUE : 00000000
ANSEL0
RA Function Selection Register
RAFUNC
ADDRESS : CAH
RESET VALUE : 00000000
ANSEL7
ANSEL1
ANSEL2
ANSEL3
ANSEL4
ANSEL5
ANSEL6
0 : RB0
1 : AN0
0 : RA1
1 : AN1
0 : RA2
1 : AN2
0 : RA3
1 : AN3
0 : RA4
1 : AN4
0 : RA5
1 : AN5
0 : RA6
1 : AN6
0 : RA7
1 : AN7
PORT
RAFUNC.7~0
Description
RA7/AN7
0
RA7 (Normal I/O Port)
1
AN7 (ADS2~0=111)
RA6/AN6
0
RA6 (Normal I/O Port)
1
AN6 (ADS2~0=110)
RA5/AN5
0
RA5 (Normal I/O Port)
1
AN5 (ADS2~0=101)
RA4/AN4
0
RA4 (Normal I/O Port)
1
AN4 (ADS2~0=100)
RA3/AN3
0
RA3 (Normal I/O Port)
1
AN3 (ADS2~0=011)
RA2/AN2
0
RA2 (Normal I/O Port)
1
AN2 (ADS2~0=010)
RA1/AN1
0
RA1 (Normal I/O Port)
1
AN1 (ADS2~0=001)
RA0/EC01
1. This port is not an Analog Input port, but Event Counter clock
source input port. ECO is controlled by setting TOCK2~0 =
111. The bit RAFUNC.0 (ANSEL0) controls the RB0/AN0/AVref
port (Refer to Port RB).
RA0 (Normal I/O Port)
EC0 (T0CK2~0=111)
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70