| データシートサーチシステム |
|
ICS1531 データシート(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1531 データシート(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 76 page ![]() Chapter 1 Abbreviations and Acronyms ICS1531 Rev N 12/1/99 December, 1999 3 Copyright © 1999, Integrated Circuit Systems, Inc. All rights reserved. ICS1531 Data Sheet - Preliminary Chapter 1 Abbreviations and Acronyms Table 1-1 lists and interprets the abbreviations and acronyms used throughout this data sheet. Table 1-1. Abbreviations and Acronyms Abbreviation / Acronym Interpretation ADC analog-to-digital converter ASIC application-specific integrated circuit BNC Type of connector, named for (“Bayonet”) Paul Neill and Carl Concelman CMOS complimentary metal-oxide semiconductor DAC digital-to-analog converter DPA Dynamic Phase Adjust EMI electro-magnetic interference FCC (United States) Federal Communications Commission IF interface LCD liquid crystal display LQFP low-profile quad flat pack LSB least-significant bit LVTTL low-voltage digital transistor-transistor logic Max. maximum Min. minimum MSB most-significant bit MSPS mega samples per second MUX multiplexer N/A Not Applicable PC personal computer PFD phase/frequency detector PLL phase-locked loop POR power-on reset Reg register RGB red, green, blue R/W read/write SXGA super XGA TTL transistor-transistor logic Typ. typical UXGA ultra XGA VCO voltage-controlled oscillator VESA Video Electronics Standards Association VGA video graphics array XGA eXtended graphics array |