| データシートサーチシステム |
|
ICS1892 データシート(PDF) 131 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 データシート(HTML) 131 Page - Integrated Circuit Systems |
|
131 / 148 page ![]() Chapter 10 DC and AC Operating Conditions ICS1892, Rev. D, 2/26/01 February 26, 2001 131 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.8 10M Serial Interface: Receive Latency Table 10-15 lists the significant time periods for the 10M Serial Interface timing (which consists of timings of signals on the following pins: • TP_RX (the MDI mapping of the 10M/100M MII TP_RXP and TP_RXN pins) • 10RCLK (the 10M Serial Interface mapping of the 10M/100M MII RXCLK pin) • 10RD (the 10M Serial Interface mapping of the 10M/100M MII RD0 pin) Figure 10-8 shows the timing diagram for the time periods. Figure 10-8. 10M Serial Interface Receive Latency Timing Table 10-15. 10M Serial Interface Receive Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TP_RX Input to 10RD Delay 10M Serial Interface – – 5 Bit times TP_RX 10RCLK 10RD Bit A Bit B Bit A Bit B t1 |