| データシートサーチシステム |
|
ICS1892 データシート(PDF) 133 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 データシート(HTML) 133 Page - Integrated Circuit Systems |
|
133 / 148 page ![]() Chapter 10 DC and AC Operating Conditions ICS1892, Rev. D, 2/26/01 February 26, 2001 133 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.10 10M Serial Interface: Transmit Latency Table 10-17 lists the significant time periods for the 10M Serial Interface transmit latency. The time periods consist of timings of signals on the following pins: • 10TXEN (the 10M Serial Interface mapping of the 10M/100M MII TXEN pin) • 10TCLK (the 10M Serial Interface mapping of the 10M/100M MII TXCLK pin) • 10TD (the 10M Serial Interface mapping of the 10M/100M MII TXD0 pin) • TP_TX (the MDI mapping of the 10M/100M MII TP_TXP and TP_TXN pins) Figure 10-10 shows the timing diagram for the time periods. Figure 10-10. 10M Serial Interface Transmit Latency Timing Diagram Table 10-17. 10M Serial Interface Transmit Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 10TD Into TP_TX Out Delay 10M Serial Interface – – 2 Bit times 10TXEN 10TCLK 10TD (MDI) TP_TX t1 Bit A Bit B Bit A Bit B |