データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8534A データシート(PDF) 39 Page - NXP Semiconductors

部品番号 PCF8534A
部品情報  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A データシート(HTML) 39 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 35Page - NXP Semiconductors PCF8534A Datasheet HTML 36Page - NXP Semiconductors PCF8534A Datasheet HTML 37Page - NXP Semiconductors PCF8534A Datasheet HTML 38Page - NXP Semiconductors PCF8534A Datasheet HTML 39Page - NXP Semiconductors PCF8534A Datasheet HTML 40Page - NXP Semiconductors PCF8534A Datasheet HTML 41Page - NXP Semiconductors PCF8534A Datasheet HTML 42Page - NXP Semiconductors PCF8534A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
39 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
If an external clock source is used, all PCF8534A in the cascade must be configured such
as to receive the clock from that external source (pin OSC connected to VDD). It must be
ensured that the clock tree is designed such that on all PCF8534A the clock propagation
delay from the clock source to all PCF8534A in the cascade is as equal as possible since
otherwise synchronization artifacts may occur.
In mixed cascading configurations, care has to be taken that the specifications of the
individual cascaded devices are met at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52