| データシートサーチシステム |
|
STOD2540 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STOD2540 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 20 page ![]() STOD2540 Maximum ratings Doc ID 12204 Rev 10 5/20 3 Maximum ratings Table 3. Absolute maximum ratings Symbol Parameter Value Unit VBSW, VBO Breakdown voltage at OUT and SW pin 40 V VI Supply voltage range 6 V RSET RSET pin VI + 0.3 V EN Enable pin VI + 0.3 V VESD ESD ratings, HBM MIL STD 883C 2 kV TSTG Storage temperature range - 65 to 150 °C TOP Operating junction temperature range - 40 to 85 °C Table 4. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient 52 °C/W |