データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS9155-01N20L データシート(PDF) 10 Page - Integrated Circuit Systems

部品番号 ICS9155-01N20L
部品情報  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9155-01N20L データシート(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9155-01N20L Datasheet HTML 3Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 4Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 5Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 6Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 7Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 8Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 9Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 10Page - Integrated Circuit Systems ICS9155-01N20L Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
AV9155
Ordering Information
Example:
20-Pin DIP Package
AV9155-01N20, AV9155-02N20,
AV9155-23N20, AV9155-36N20
Notes:
Tape and reel packaging should be ordered with the suffix T&R. For instance, if the -01 in DIP and tape & reel is required, order
the part asAV9155-01CN20T&R.
ICS XXXX-PPP M X#W
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
Package Type
N=DIP (Plastic#)
T&R=Tape and Reel
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11