| データシートサーチシステム |
|
RSF2 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RSF2 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() Rev Date: 11/03/2014 2 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. RSF/RSMF Series General Purpose Metal Oxide Resistor Stackpole Electronics, Inc. Resistive Product Solutions 0 200 220 240 235 100 120 140 160 180 Ambient Temperature (ºC) -60 0 20 40 60 80 100 -55ºC 70ºC 80 60 40 20 RSF1, RSF2, RSF3, RSF5 RSMF2, RSMF3, RSMF5 RSF12 RSMF12, RSMF1 0.35 ± 0.04 0.13 ± 0.03 1.10 ± 0.12 0.03 ± 0.003 0.250 inches 9.00 ± 1.00 3.20 ± 0.80 28.00 ± 3.00 0.70 ± 0.08 6.35 mm 0.43 ± 0.06 0.18 ± 0.04 1.10 ± 0.20 0.03 ± 0.002 0.250 inches 11.00 ± 1.50 4.50 ± 1.00 28.00 ± 5.00 0.80 ± 0.05 6.35 mm 0.59 ± 0.06 0.22 ± 0.04 1.18 ± 0.20 0.03 ± 0.004 0.250 inches 15.00 ± 1.50 5.50 ± 1.00 30.00 ± 5.00 0.75 ± 0.10 6.35 mm 0.69 ± 0.04 0.24 ± 0.02 1.38 ± 0.12 0.03 ± 0.002 0.250 inches 17.50 ± 1.00 6.00 ± 0.50 35.00 ± 3.00 0.80 ± 0.05 6.35 mm 0.96 ± 0.04 0.31 ± 0.02 1.38 ± 0.12 0.03 ± 0.002 0.250 inches 24.50 ± 1.00 8.00 ± 0.50 35.00 ± 3.00 0.80 ± 0.05 6.35 mm 0.24 ± 0.03 0.09 ± 0.01 1.10 ± 0.12 0.02 ± 0.003 0.250 inches 6.00 ± 0.80 2.30 ± 0.30 28.00 ± 3.00 0.55 ± 0.07 6.35 mm 0.35 ± 0.04 0.13 ± 0.03 1.10 ± 0.12 0.03 ± 0.003 0.250 inches 9.00 ± 1.00 3.20 ± 0.80 28.00 ± 3.00 0.70 ± 0.08 6.35 mm 0.43 ± 0.06 0.18 ± 0.04 1.18 ± 0.20 0.03 ± 0.002 0.250 inches 11.00 ± 1.50 4.50 ± 1.00 30.00 ± 5.00 0.80 ± 0.05 6.35 mm 0.59 ± 0.06 0.22 ± 0.04 1.18 ± 0.20 0.03 ± 0.004 0.250 inches 15.00 ± 1.50 5.50 ± 1.00 30.00 ± 5.00 0.75 ± 0.10 6.35 mm 0.69 ± 0.04 0.24 ± 0.02 1.38 ± 0.08 0.03 ± 0.002 0.250 inches 17.50 ± 1.00 6.00 ± 0.50 35.00 ± 2.00 0.80 ± 0.05 6.35 mm RSF12 RSF1 RSF2 RSF3 RSMF3 RSMF5 RSF5 RSMF12 RSMF1 RSMF2 Type / Code A B C D Unit Body Length Body Diameter Lead Length (Bulk) Lead Diameter Lead-Tape Specification Power Derating Curve: Mechanical Specifications |