| データシートサーチシステム |
|
ICS9112M-32 データシート(PDF) 2 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9112M-32 データシート(HTML) 2 Page - Integrated Circuit Systems |
|
2 / 5 page ![]() 2 ICS9112-31/32 Preliminary Product Preview Pin Descriptions Pin Configurations 8-Pin SOIC Functionality E O 2 X , 1 X ) z H M ( T U O F ) z H M ( 10 0 . 5 25 2 . 6 0 1 00 0 . 5 2e t a t s i r T 8-Pin SOIC N I P R E B M U N E M A N N I PE P Y TN O I T P I R C S E D 1D N G AR W P. d n u o r g g o l a n A 2D N GR W P. d n u o r G l a t i g i D 31 XN I . s r o t i c a p a c d a o l l a n r e t x e s e r i u q e R . z H M 0 0 . 5 2 y l l a n i m o n ; e c i v e d o t t u p n i k c o l c r o l a t s y r C 42 XN I. s r o t i c a p a c d a o l l a n r e t x e s e r i u q e R . e c i v e d m o r f t u p t u o e v i r d l a t s y r C 5E ON I ) T U O F ( t u p t u o k c o l c e h t s e t a t s i r t t i , w o l s i E O n e h w : ) . p u _ l l u p l a n r e t n i s a h ( e l b a n E t u p t u O 6 D D VR W P) 1 3 - ( y l p p u s t l o v 0 . 5 + r o 3 . 3 + 2 K L CT U O) 2 3 - ( ) z H m 5 2 . 6 0 1 ( t u p t u o k c o l C 7 D D V AR W P) 1 3 - ( . ) e g a t l o v r e w o p l a t i g i d l a u q e t s u M ( . r e w o p g o l a n A D D V A + D D VR W P) 2 3 - ( y l p p u s t l o V 0 . 5 + r o 3 . 3 + , r e w o p g o l a n a d n a l a t i g i D 81 K L CT U O) z H M 5 2 . 6 0 1 ( t u p t u o k c o l C |