データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HBLDS3SSVFD データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 HBLDS3SSVFD
部品情報  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HBLDS3SSVFD データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  HBLDS3SSVFD Datasheet HTML 1Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 2Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 3Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 4Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 5Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 6Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 7Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 8Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
3
Non-metallic disconnect switches control motor loads in wet or
corrosive environments, while MotorQuick® provides faster motor
change-outs and VFD switches reduce equipment damage and
stress on electrical systems.
Fused and Unfused Non-Metallic
Disconnect Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 4
MotorQuick® and VFD Switches . . . . . . . . . . . . . . . . . . . . . Page 5
Circuit-Lock® Non-Metallic Disconnect Switches, MotorQuick® and VFDs
Stainless steel disconnect switched enclosures are ideal for
withstanding harsh environments, while hazardous location
disconnects prevent explosion hazards where flammable gases
and combustible particles are present.
NEMA 4X Stainless Steel Disconnect Switches . . . . . . . . . Page 6
Hazardous Location Disconnects and
Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 7
Stainless Steel, Hazardous Location Disconnects and Mechanical Interlocks
Hubbell’s line of mechanical interlocks provide a horsepower rated
receptacle and a means of disconnect for a variety of portable
equipment, while eliminating the possibility of making lazy
connections or breaking circuits under load.
IEC and Insulgrip® Pin and Sleeve
Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 8
Watertight Safety-Shroud® Twist-Lock®
Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 9
IEC and Insulgrip® Pin and Sleeve; Twist-Lock® Mechanical Interlocks
Motor loads in industrial environments are easily disconnected with
Hubbell’s complete line of AC manual motor controllers/disconnects,
available in a wide variety of enclosure types including NEMA® 1, 3R
or 4X.
AC Manual Motor Controllers/Disconnects . . . . . . . . . . . . Page 10
Enclosed AC Manual Motor Controllers/Disconnects . . . . . .Page 11
Horsepower Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 12
600V AC Manual Motor Controllers/Disconnects and Enclosures
NEMA® is a registered trademark of the National Electrical Manufacturers Association.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12