| データシートサーチシステム |
|
HBL2430SW データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HBL2430SW データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 12 page ![]() For complete listing of Hubbell Products see our full line catalog. www.hubbell-wiring.com 2 Hubbell Safety Safety of personnel and equipment is paramount in any manufacturing environment. Hubbell Circuit-Lock® motor controllers withstand short circuits and provide a high degree of safety across the factory floor. Disconnect Switches for Variable Frequency Drives (VFDs) safely terminate power to prevent risk of injury and damage to high- performance output devices used for controlling today’s conveyor systems. Hubbell Flexibility With Hubbell’s wide range of Circuit-Lock® motor controllers and disconnects that offer several mounting options, NEC® line of sight requirements are easily achieved at the equipment or on the wall in virtually any industrial environment. Switches with a compact footprint, a variety of NEMA® type enclosures and plug-and-play LINKOSITY® make switch placement easier and more flexible than ever. Hubbell Compliance Compliance with codes and regulations is a must in any industrial environment. Hubbell motor controllers meet a variety of requirements, including OSHA lockout/tagout, NSF certification for hygiene and hazardous location ratings. Each Circuit-Lock® motor controller is UL listed as “Suitable as Motor Disconnect”. The NEC® allows for the disconnect and controller to be in one unit. Hubbell Productivity Circuit-Lock® keeps assembly lines, goods and services moving. By offering a dual motor controller-disconnect rating, power can be safely terminated at any point in the circuit to perform maintenance on a single motor without shutting down the entire line. With the plug-and-play LINKOSITY® power system, MotorQuick® reduces motor change-out time by more than 65% to get equipment up and running faster. Hubbell’s Circuit-Lock® Manual Motor Controllers "Suitable as Motor Disconnects" Hubbell manufactures one of the most complete lines of motor disconnects on the market. Designed to ensure maximum reliability and performance, Hubbell Circuit-Lock® motor controllers meet or exceed all industry requirements. Because our Circuit-Lock® motor controllers are also disconnects, they ensure safety, compliance, flexibility and productivity for today’s industrial and commercial environments. Whether controlling motor loads, safely terminating power or isolating equipment, Hubbell has the solution for you—no matter what the environment or application. NEC® is a registered trademark of the National Fire Protection Association (NFPA). NEMA® is a registered trademark of the National Electrical Manufacturers Association. Variable Frequency Disconnects Each Controller is Also a Disconnect |