| データシートサーチシステム |
|
HBL2831SW データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HBL2831SW データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 12 page ![]() For complete listing of Hubbell Products see our full line catalog. www.hubbell-wiring.com 3 Non-metallic disconnect switches control motor loads in wet or corrosive environments, while MotorQuick® provides faster motor change-outs and VFD switches reduce equipment damage and stress on electrical systems. Fused and Unfused Non-Metallic Disconnect Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 4 MotorQuick® and VFD Switches . . . . . . . . . . . . . . . . . . . . . Page 5 Circuit-Lock® Non-Metallic Disconnect Switches, MotorQuick® and VFDs Stainless steel disconnect switched enclosures are ideal for withstanding harsh environments, while hazardous location disconnects prevent explosion hazards where flammable gases and combustible particles are present. NEMA 4X Stainless Steel Disconnect Switches . . . . . . . . . Page 6 Hazardous Location Disconnects and Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 7 Stainless Steel, Hazardous Location Disconnects and Mechanical Interlocks Hubbell’s line of mechanical interlocks provide a horsepower rated receptacle and a means of disconnect for a variety of portable equipment, while eliminating the possibility of making lazy connections or breaking circuits under load. IEC and Insulgrip® Pin and Sleeve Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 8 Watertight Safety-Shroud® Twist-Lock® Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 9 IEC and Insulgrip® Pin and Sleeve; Twist-Lock® Mechanical Interlocks Motor loads in industrial environments are easily disconnected with Hubbell’s complete line of AC manual motor controllers/disconnects, available in a wide variety of enclosure types including NEMA® 1, 3R or 4X. AC Manual Motor Controllers/Disconnects . . . . . . . . . . . . Page 10 Enclosed AC Manual Motor Controllers/Disconnects . . . . . .Page 11 Horsepower Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 12 600V AC Manual Motor Controllers/Disconnects and Enclosures NEMA® is a registered trademark of the National Electrical Manufacturers Association. |