データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8R00PUR データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST8R00PUR
部品情報  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR データシート(HTML) 13 Page - STMicroelectronics

Back Button ST8R00PUR Datasheet HTML 9Page - STMicroelectronics ST8R00PUR Datasheet HTML 10Page - STMicroelectronics ST8R00PUR Datasheet HTML 11Page - STMicroelectronics ST8R00PUR Datasheet HTML 12Page - STMicroelectronics ST8R00PUR Datasheet HTML 13Page - STMicroelectronics ST8R00PUR Datasheet HTML 14Page - STMicroelectronics ST8R00PUR Datasheet HTML 15Page - STMicroelectronics ST8R00PUR Datasheet HTML 16Page - STMicroelectronics ST8R00PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ST8R00
Package mechanical data
Doc ID 13449 Rev 2
13/18
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18