| データシートサーチシステム |
|
ICS9150F-01 データシート(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9150F-01 データシート(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 14 page ![]() 8 ICS9150- 01 CPU_STOP# Timing Diagram CPUSTOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power operation. CPU_STOP# is synchronized by the ICS9150-01. The minimum that the CPUCLK is enabled (CPU_STOP# high pulse) is 100 CPUCLKs. All other clocks will continue to run while the CPUCLKs are disabled. The CPUCLKs will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPUCLK on latency is less than 4 CPUCLKs and CPUCLK off latency is less than 4 CPUCLKs. Notes: 1. All timing is referenced to the internal CPUCLK. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPUCLKs inside the ICS9150-01. 3. All other clocks continue to run undisturbed. 4. PCI_STOP# is shown in a high (true) state. |