データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS9161A データシート(PDF) 14 Page - Integrated Circuit Systems

部品番号 ICS9161A
部品情報  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A データシート(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems ICS9161A Datasheet HTML 10Page - Integrated Circuit Systems ICS9161A Datasheet HTML 11Page - Integrated Circuit Systems ICS9161A Datasheet HTML 12Page - Integrated Circuit Systems ICS9161A Datasheet HTML 13Page - Integrated Circuit Systems ICS9161A Datasheet HTML 14Page - Integrated Circuit Systems ICS9161A Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
ICS9161A
Ordering Information
ICS9161A-01CN16
Example:
ICS XXXX- PPP M X#W
Prefix
ICS, AV=Standard Device
Device Type (consists of 3 or 4 digit numbers)
Pattern Number (2 or 3 digit number for parts with ROM code patterns, if applicable)
Package Type
N=DIP (Plastic)
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
16-Pin PDIP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15