| データシートサーチシステム |
|
ICS9250-29 データシート(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9250-29 データシート(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 15 page ![]() 7 ICS9250-29 Byte 4: Reserved Register (1 = enable, 0 = disable) Byte 5: Reserved Register (1 = enable, 0 = disable) t i B# n i Pe m a ND W Pn o i t p i r c s e D 7 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 6 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 5 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 4 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 3 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 2 t i B0 24 K L C I C P1 ) e v i t c a n I / e v i t c A ( 1 t i B9 13 K L C I C P1 ) e v i t c a n I / e v i t c A ( 0 t i B6 12 K L C I C P1 ) e v i t c a n I / e v i t c A ( t i B# n i Pe m a ND W Pn o i t p i r c s e D 7 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 6 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 5 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 4 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 3 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 2 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 1 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( 0 t i B- ) d e v r e s e R (0 ) e v i t c a n I / e v i t c A ( Notes: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation. 2. PWD = Power on Default |