| データシートサーチシステム |
|
ICS94211 データシート(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94211 データシート(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 16 page ![]() 5 ICS94211 Byte 0: Functionality and frequency select register (Default=0) Notes: 1. Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. t i B n o i t p i r c s e D D W P t i B ) 4 : 7 , 2 ( 2 t i B 7 t i B6 t i B5 t i B4 t i B F E R / O C V r e d i v i D O C V z H M K L C U P C z H M K L C I C P z H M 1 e t o N 3 S F2 S F1 S F0 S F 000 0 0 0 4 / 7 4 41 0 . 0 6 10 0 . 0 80 0 . 0 4 000 0 1 2 4 / 0 4 40 0 . 0 5 10 0 . 5 70 5 . 7 3 000 1 0 4 4 / 2 1 51 6 . 6 6 11 3 . 3 85 6 . 1 4 000 1 1 2 4 / 2 9 34 6 . 3 3 12 8 . 6 61 4 . 3 3 00 1 0 0 1 3 / 6 4 40 0 . 6 0 20 0 . 3 0 13 3 . 4 3 00 1 0 1 1 3 / 5 8 41 0 . 4 2 21 0 . 2 1 14 3 . 7 3 00 1 1 0 4 5 / 3 1 52 0 . 6 3 11 0 . 8 61 0 . 4 3 00 1 1 1 7 3 / 8 1 55 4 . 0 0 23 2 . 0 0 11 4 . 3 3 01 0 0 0 1 2 / 2 5 30 0 . 0 4 20 0 . 0 2 10 0 . 0 4 01 0 0 1 2 3 / 4 1 59 9 . 9 2 29 9 . 4 1 13 3 . 8 3 01 0 1 0 3 3 / 7 0 58 9 . 9 1 29 9 . 9 0 16 6 . 6 3 01 0 1 1 3 3 / 4 8 40 0 . 0 1 20 0 . 5 0 10 0 . 5 3 01 1 0 0 8 1 / 2 5 30 0 . 0 8 20 0 . 0 4 10 0 . 5 3 01 1 0 1 1 2 / 0 4 40 0 . 0 0 30 0 . 0 5 10 5 . 7 3 01 1 1 0 5 2 / 3 3 49 9 . 7 4 20 0 . 4 2 10 0 . 1 3 01 1 1 1 6 2 / 3 8 49 9 . 5 6 29 9 . 2 3 15 2 . 3 3 10 0 0 0 1 2 / 6 9 30 0 . 0 7 20 0 . 5 3 15 7 . 3 3 10 0 0 1 9 1 / 5 4 39 9 . 9 5 29 9 . 9 2 10 5 . 2 3 10 0 1 0 5 2 / 0 4 40 0 . 2 5 20 0 . 6 2 10 5 . 1 3 10 0 1 1 9 2 / 8 7 40 0 . 6 3 20 0 . 8 1 13 3 . 9 3 10 1 0 0 0 3 / 6 8 45 9 . 1 3 28 9 . 5 1 16 6 . 8 3 10 1 0 1 7 3 / 1 9 41 0 . 0 9 10 0 . 5 97 6 . 1 3 10 1 1 0 5 3 / 0 4 40 0 . 0 8 10 0 . 0 90 0 . 0 3 10 1 1 1 9 3 / 3 6 48 9 . 9 6 11 0 . 5 84 3 . 8 2 11 0 0 0 6 1 / 1 7 30 0 . 2 3 30 0 . 6 6 10 5 . 1 4 11 0 0 1 0 2 / 7 4 41 0 . 0 2 31 0 . 0 6 10 0 . 0 4 11 0 1 0 0 2 / 3 3 49 9 . 9 0 39 9 . 4 5 15 7 . 8 3 11 0 1 1 5 1 / 0 1 31 9 . 5 9 25 9 . 7 4 19 9 . 6 3 111 0 0 3 2 / 9 6 47 9 . 1 9 28 9 . 5 4 10 5 . 6 3 111 0 1 8 1 / 2 6 35 9 . 7 8 28 9 . 3 4 19 9 . 5 3 111 1 0 4 2 / 6 7 48 9 . 3 8 29 9 . 1 4 10 5 . 5 3 111 1 1 8 1 / 7 4 32 0 . 6 7 21 0 . 8 3 10 5 . 4 3 3 t i B s t u p n i d e h c t a l , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 , 2 t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d a e r p S r e t n e C % 5 3 . 0 ± e l b a n e m u r t c e p s d a e r p S - 1 1 0 t i B g n i n n u R - 0 s t u p t u o l l a e t a t s i r T - 1 0 |