| データシートサーチシステム |
|
IDT7204 データシート(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT7204 データシート(HTML) 13 Page - Integrated Device Technology |
|
13 / 14 page ![]() 5.04 13 IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 MILITARY AND COMMERCIAL TEMPERATURE RANGES Figure 17. Read Data Flow-Through Mode NOTES: 1. For depth expansion block see section on Depth Expansion and Figure 14. 2. For Flag detection see section on Width Expansion and Figure 13. Figure 15. Compound FIFO Expansion R, W, RS ••• ••• D 0 –D N D 0 -D 8 D 9 -D N D 9 -D 17 D 18 -D N D (N-8)-D N D (N-8)-D N ••• Q 0 –Q 8 Q 9 –Q 17 Q 9 –Q 17 Q 0 –Q 8 Q (N-8) -Q N Q (N-8) -Q N IDT7203/ IDT7204/ IDT7205/ IDT7206 DEPTH EXPANSION BLOCK IDT7203/ IDT7204/ IDT7205/ IDT7206 DEPTH EXPANSION BLOCK IDT7203/ IDT7204/ IDT7205/ IDT7206 DEPTH EXPANSION BLOCK 2661 drw 17 Figure 16. Bidirectional FIFO Operation IDT 7201A RB EFB HFB WA FFA WB FFB SYSTEM A SYSTEM B QB 0-8 DB 0-8 QA 0-8 RA HFA EF A IDT 7203/ 7204/ 7205/ 7206 DA 0-8 IDT 7203/ 7204/ 7205/ 7206 2661 drw 18 W DATA R t RPE IN EF DATA OUT t WLZ t WEF t A t REF DATA VALID OUT 2661 drw 19 |