データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IDT74FST163384PV データシート(PDF) 2 Page - Integrated Device Technology

部品番号 IDT74FST163384PV
部品情報  20-BIT BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163384PV データシート(HTML) 2 Page - Integrated Device Technology

  IDT74FST163384PV Datasheet HTML 1Page - Integrated Device Technology IDT74FST163384PV Datasheet HTML 2Page - Integrated Device Technology IDT74FST163384PV Datasheet HTML 3Page - Integrated Device Technology IDT74FST163384PV Datasheet HTML 4Page - Integrated Device Technology IDT74FST163384PV Datasheet HTML 5Page - Integrated Device Technology IDT74FST163384PV Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
IDT74FST163384, IDT74FST1632384
20-BIT BUS SWITCH
COMMERCIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
5
6
7
8
9
10
1
2
3
4
46
45
44
43
42
41
40
39
38
37
B4
B0
A0
A1
B1
B2
A2
A3
B3
A19
A18
B18
B17
A17
A16
B16
B15
Vcc
B19
BEA
A4
11
12
47
48
GND
A15
BEB
17
18
19
20
21
22
13
14
15
16
34
33
32
31
30
29
28
27
26
25
B9
B5
A5
A6
B6
B7
A7
A8
B8
B14
A13
B13
B12
A12
A11
B11
B10
Vcc
A14
BEC
SO48-1
SO48-2
SO48-3
A9
23
24
35
36
GND
A10
BED
FUNCTION TABLE
BEA
BEA
BEB
BEB
B0-4
B5-9
Description
H
H
Hi-Z
Hi-Z
Disconnect
LH
A0-4
Hi-Z
Connect
H
L
Hi-Z
A5-9
Connect
LL
A0-4
A5-9
Connect
BEC
BEC
BED
BED
B10-14
B15-19
Description
H
H
Hi-Z
Hi-Z
Disconnect
LH
A10-14
Hi-Z
Connect
H
L
Hi-Z
A15-19
Connect
LL
A10-14
A15-19
Connect
3473 tbl 03
SSOP/
TSSOP/TVSOP
TOP VIEW
3473 drw 02
Symbol
Description
Max.
Unit
VTERM(2) Terminal Voltage with Respect
to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Maximum Continuous Channel
Current
128
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating condiitions for extended
periods may affect reliability.
2. VCC, Control and Switch terminals.
Symbol
Parameter
Conditions(2) Typ. Unit
CIN
Control Input Capacitance
4
pF
CI/O
Switch Input/Output
Capacitance
Switch Off
pF
3473 tbl 04
NOTES:
1. Capacitance is characterized but not tested
2. TA = 25
°C, f = 1MHz, VIN = 0V, VOUT = 0V
CAPACITANCE(1)
3473 tbl 02



Html Pages

1 2 3 4 5 6