データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6258EX データシート(PDF) 31 Page - STMicroelectronics

部品番号 L6258EX
部品情報  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX データシート(HTML) 31 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 24Page - STMicroelectronics L6258EX Datasheet HTML 25Page - STMicroelectronics L6258EX Datasheet HTML 26Page - STMicroelectronics L6258EX Datasheet HTML 27Page - STMicroelectronics L6258EX Datasheet HTML 28Page - STMicroelectronics L6258EX Datasheet HTML 29Page - STMicroelectronics L6258EX Datasheet HTML 30Page - STMicroelectronics L6258EX Datasheet HTML 31Page - STMicroelectronics L6258EX Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
L6258EX
Revision history
31/32
7
Revision history
Table 7.
Document revision history
Date
Revision
Changes
15-Sep-2003
1
First Issue in the EDOCS DMS.
11-May-2004
2
Restyling of the graphic form, changed all VCC with VDD;
delete TSD parameter in the Electrical characteristic on Table 4.
24-Sep-2004
3
Changed on the page 5 the fosc parameter max. value from 17.5 to
18.5kHz
28-Feb-2005
4
Add. note at the bottom of Table 2: Absolute maximum rating.
23-Mar-2005
5
Modified the note “(1)” of the Table 2.
03-Dec-2007
6
Document reformatted.
Modified the ACpw formula in Section 3.2 on page 17.
Added the disable note in Section 4.1 on page 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32