データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9949 データシート(PDF) 6 Page - STMicroelectronics

部品番号 L9949
部品情報  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 データシート(HTML) 6 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 2Page - STMicroelectronics L9949 Datasheet HTML 3Page - STMicroelectronics L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5
HIGH-SIDE SWITCHES – DUAL CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ
(A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VND7140AJ-E
PowerSSO‑16
M0‑7
4
28
38
140
12
VND7050AJ-E
PowerSSO‑16
M0‑7
4
28
38
50
30
VND7040AJ-E
PowerSSO‑16
M0‑7
4
28
38
40
34
VND7030AJ-E
PowerSSO‑16
M0‑7
4
28
38
30
56
VND7020AJ-E
PowerSSO‑16
M0‑7
4
28
38
20
63
VND7012AY-E (*)
PowerSSO‑36
M0‑7
4
28
38
12
75
VND7004AY-E (**)
PowerSSO‑36
M0‑7
4
28
38
4
100
VND5E160MJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
160
10
VND5E050MCJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E050MCK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E050MJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E050MK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E025MK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
25
60
VND5E012MY-E
PowerSSO‑36
M0‑5Enhanced (M vers.)
4.5
28
41
12
74
VND5E008MY-E
PowerSSO‑36
M0‑5Enhanced (M vers.)
4.5
28
41
8
85
VND5E160AJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
160
10
VND5E160ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
160
10
VND5E160J-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
160
10
VND5E050ACJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VND5E050ACK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
VND5E050AJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VND5E050AK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
VND5E050ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
50
27
VND5E050J-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VND5E050K-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
VND5E025AK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
25
60
VND5E025AY-E
PowerSSO‑36
M0‑5Enhanced
4.5
28
41
25
47
VND5E025AS-E
SO‑16L
M0‑5Enhanced
4.5
28
41
25
60
VND5E025BK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
25
60
VND5E025LK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
25
40
VND5E025NAY-E
PowerSSO‑36
M0‑5Enhanced
4.5
28
41
25
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22