| データシートサーチシステム |
|
SDUFD2AB-4096 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SDUFD2AB-4096 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Solutions for Storage • All OEM products are warranted for one year against defects. • All OEM USB products are compliant with the USB 2.0 Specifications. • All certificates for compliance can be found at http://www.sandisk.com/Oem/ and click on Environmental/reg- ulatory. • All OEM USB products are RoHS Compliant. • Core Module • Basic USB Flash Drive • Customizable • Biometric • Educational • Waterproof The Core Module is intended to be used in applications where the product is hidden from sight, for example as memory expansion in a printer, or other such test equipment or data capture product. Mechanical specifications are available for customers intending to house the Core Module inside another device. This product is a mass storage class device only, and is bulk packaged. This mass storage class USB flash drive is small, compact and highly portable. It provides for easy customization via label or silk-screen markings—great for promotional giveaways. Several different types of metallic or plastic labels can be adhered, and mechanical dimensions are available. This product is a mass storage class device only, and is bulk packaged. The OEM USB drive with OEM U3 launchpad allows developers and customers to customize their U3 software environment. This product is a U3-compliant CD and mass storage class device only, and is bulk packaged. Both of these customizable products can be purchased with LiquidMetal® casings; for details, email to OEMUSB@sandisk.com. Connect it to any computer with a USB port, and it makes storing, sharing and transferring your files a snap. And every Cruzer® Micro comes with extra caps and covers, in vibrant colors, plus a lanyard. This product is a mass storage class device only, and is bulk packaged. With built-in biometric security, Cruzer Profile delivers the ultimate in portable data security. This high- ly-secure product stores all your data and passwords, accessible only with the swipe of your fingerprint. Just plug in the drive, swipe your finger, and you can log-on to any of your stored protected areas in a snap with the exclusive CruzerPass ™ password bank. You can use any host PC with your Cruzer Profile without having to install any cumbersome software or leave any trace on that PC. Special two-piece design allows the most flexibility for the user. Just position the product and sensor for a convenient swipe. This allows flexibility for different USB port configurations, and the slide-on cap protects sensor for safe travel. Cruzer Profile includes trial versions of CruzerSync ™ (synchronization) and PocketCache ™ (backup) software. Core Module Basic USB Flash Drive Customizable Biometric Part # Memory Capacity Metal Can SDUFD2AA-256 256MB SDUFD2AA-512 512MB SDUFD2AA-1024 1GB SDUFD2AA-2048 2GB SDUFD2AA-4096 4GB Part # Memory Capacity OEM Micro SDUFD2AB-256 256MB SDUFD2AB-512 512MB SDUFD2AB-1024 1GB SDUFD2AB-2048 2GB SDUFD2AB-4096 4GB Part # Memory Capacity Cruzer Profile SDUFD2AG-1024 1GB SDUFD2AG-2048 2GB Part # Memory Capacity Micro with Skins SDUFD2AK-512 512MB SDUFD2AK-1024 1GB SDUFD2AK-2048 2GB SDUFD2AK-4096 4GB Part # Memory Capacity Micro with Skins SDUFD2AD-256 256MB SDUFD2AD-512 512MB SDUFD2AD-1024 1GB SDUFD2AD-2048 2GB SDUFD2AD-4096 4GB criptPi t_full_ ostScriptPictur im_Warranty_log ScriptPict logo blk.E PostScriptPicture SanGo_TM_logo.fh11 criptPi Clogo.E criptPi t_full_ |