データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI14 データシート(PDF) 1 Page - ABCircuits

部品番号 SI14
部品情報  Serial Input IC For 14 Bits of Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABCIRCUITS [ABCircuits]
ホームページ  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SI14 データシート(HTML) 1 Page - ABCircuits

  SI14 Datasheet HTML 1Page - ABCircuits SI14 Datasheet HTML 2Page - ABCircuits SI14 Datasheet HTML 3Page - ABCircuits SI14 Datasheet HTML 4Page - ABCircuits SI14 Datasheet HTML 5Page - ABCircuits SI14 Datasheet HTML 6Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number 74C922-SO
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 6
SI14 IC
Serial Input IC For 14 Bits of Input
General Description
The SI14 IC is designed to provide 14 bits of input data to connect to RS-232, RS-485, USB,
Ethernet or directly to your UART. Inputs can be from switches, relay contacts, logic,
optocouplers or a transistor switched to ground. The SI14 has internal pull resistors on the inputs
to minimize additional parts. The SI14 IC transmits data anytime the inputs change or after a
delay of 100 or 1000 mS. The output of the SI14 is standard asynchronous format, using 8 bits, 1
stop and no parity at 9600 BPS. Other formats and encoding are available, contact the factory.
A .1 uF bypass capacitor is suggested across the VDD and VSS pins. The part uses the standard
20 pin .3 inch width SOIC package. This part may be paired with the SO14 chip to achieve 14
bits of input and output, except on RS-485 interfaces.
Features
Asynchronous serial input for up to
14 bits of data.
For input monitoring using RS-232,
RS-485, USB or Ethernet or UART.
Connects to switches, relay
contacts, optocouplers, and logic.
No external parts required.
Low power consumption 5 mA
typical.
Supply voltage 2.4 to 5.25 volts.
All timing internally generated.
On chip input pull up resistors on all
inputs.
TTL and CMOS compatible outputs.
Part is in full production.
SOIC and DIP 20 Pin Package.
ROHS Compliant
Low EMI
Applications
Input Expansion
Remote control
Process control
Building Automation
Off site monitoring
Security systems
Internet of things
Machine control


同様の部品番号 - SI14

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1400DL VISHAY-SI1400DL Datasheet
124Kb / 5P
N-Channel 20-V (D-S) MOSFET
29-Mar-10
SI1400DL-T1 VISHAY-SI1400DL-T1 Datasheet
124Kb / 5P
N-Channel 20-V (D-S) MOSFET
29-Mar-10
SI1400DL-T1-E3 VISHAY-SI1400DL-T1-E3 Datasheet
124Kb / 5P
N-Channel 20-V (D-S) MOSFET
29-Mar-10
logo
VBsemi Electronics Co.,...
SI1400DL-T1-GE3 VBSEMI-SI1400DL-T1-GE3 Datasheet
1,009Kb / 8P
N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1400DL VISHAY-SI1400DL_15 Datasheet
244Kb / 10P
N-Channel 20 V (D-S) MOSFET
29-Mar-10
More results

同様の説明 - SI14

メーカー部品番号データシート部品情報
logo
ABCircuits
SIO7 ABCIRCUITS-SIO7 Datasheet
226Kb / 7P
Serial input/output IC for 7 bits of input and 7 bits of output
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
Stand Alone UART IC 8 bits of input and 8 bits of output
SIOA7 ABCIRCUITS-SIOA7 Datasheet
219Kb / 10P
Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2007 GMT-G2007 Datasheet
92Kb / 1P
6CH serial input motor driver IC for DSC
G2005 GMT-G2005 Datasheet
69Kb / 1P
51CH serial input motor driver IC for DSC
G2001 GMT-G2001 Datasheet
95Kb / 1P
61CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
51CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
51CH serial input motor driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
51CH serial input motor driver IC for DSC
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com