| データシートサーチシステム |
|
28F004SC データシート(PDF) 25 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F004SC データシート(HTML) 25 Page - Intel Corporation |
|
25 / 42 page ![]() E BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY 25 PRELIMINARY SR.7 = 0 1 Start Write B0H Read Status Register Write D0H Program Resumed Bus Operation Command Comments Write Program Suspend Read Data = B0H Addr = X Check SR.7 1 = WSM Ready 0 = WSM Busy Status Register Data Addr = X Standby SR.2 = Write FFH Read Array Data Done Reading Program Completed Write FFH Read Array Data Yes No 0 1 Check SR.2 1 =Program Suspended 0 = Program Completed Standby Data = FFH Addr = X Write Read array locations other than that being data written. Read Data = D0H Addr = X Write Read Array Program Resume Figure 10. Program Suspend/Resume Flowchart |