| データシートサーチシステム |
|
28F008C3 データシート(PDF) 39 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F008C3 データシート(HTML) 39 Page - Intel Corporation |
|
39 / 59 page ![]() E 3 VOLT ADVANCED+ BOOT BLOCK 39 PRODUCT PREVIEW APPENDIX A WSM CURRENT/NEXT STATES (Continued) Command Input (and Next State) Current State Read Config (90H) Read Query (98H) Lock Setup (60H) Prot. Prog. Setup (C0H) Lock Confirm (01H) Lock Down Confirm (2FH) Unlock Confirm (D0H) Read Array Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Read Status Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Read Config. Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Read Query Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Lock Setup Locking Command Error Lock Operation (Done) Lock Cmd. Error Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Lock Operation (Done) Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Prot. Prog. Setup Protection Register Program Prot. Prog. (Not Done) Protection Register Program (Not Done) Prot. Prog. (Done) Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Prog. Setup Program Program (Not Done) Program (Not Done) Prog. Susp. Status Prog. Susp. Read Config. Prog. Susp. Read Query Program Suspend Read Array Program (Not Done) Prog. Susp. Read Array Prog. Susp. Read Config. Prog. Susp. Read Query Program Suspend Read Array Program (Not Done) Prog. Susp. Read Config. Prog. Susp. Read Config. Prog. Susp. Read Query Program Suspend Read Array Program (Not Done) Prog. Susp. Read Query. Prog. Susp. Read Config. Prog. Susp. Read Query Program Suspend Read Array Program (Not Done) Program (Done) Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Erase Setup Erase Command Error Erase (Not Done) Erase Cmd. Error Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array Erase (Not Done) Erase (Not Done) Erase Suspend Status Erase Suspend Read Config. Erase Suspend Read Query Lock Setup Erase Suspend Read Array Erase (Not Done) Erase Suspend Array Erase Suspend Read Config. Erase Suspend Read Query Lock Setup Erase Suspend Read Array Erase (Not Done) Eras Sus. Read Config Erase Suspend Read Config. Erase Suspend Read Query Lock Setup Erase Suspend Read Array Erase (Not Done) Eras Sus. Read Query Erase Suspend Read Config. Erase Suspend Read Query Lock Setup Erase Suspend Read Array Erase (Not Done) Ers.(Done) Read Config. Read Query Lock Setup Prot. Prog. Setup Read Array |