| データシートサーチシステム |
|
E28F004SC-120 データシート(PDF) 11 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
E28F004SC-120 データシート(HTML) 11 Page - Intel Corporation |
|
11 / 42 page ![]() E BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY 11 PRELIMINARY A 9 A 7 RP# V PP V CC A 12 A 17 A 18 A 16 A 14 CE# A 13 A 11 A 10 A 6 A 4 RY/BY# A 3 NC A 8 A 19 A 5 A 20 A 2 A 0 D 4 D 3 GND D 1 D 6 WE# OE# D 7 D 2 V CC GND D 5 D 0 A 1 A 15 876 54 321 A B C D E A B C D E A 15 A 17 A 12 V CC V PP RP# A 7 A 6 A 10 A 11 CE# A 13 A 14 A 16 A 18 NC RY/BY# A 19 NC A 8 A 3 A 5 A 4 A 2 A 0 D 1 D 3 GND D 4 D 6 WE# OE# D 7 D 5 V CC GND D 2 D 0 A 1 A 9 1 234 567 8 Pin #1 Indicator Top View - Bump Side Down Bottom View - Bump Side Up This is the view of the package as surface mounted on the board. Note that the signals are mirror images of bottom view. NOTES: 1. Figures are not drawn to scale. 2. Address A20 is not included in the 28F008SC. 3. More information on µBGA* packages is available by contacting your Intel/Distribution sales office. Figure 4. µBGA* CSP 40-Ball Pinout (28F008SC and 28F016SC) |