| データシートサーチシステム |
|
PA28F004SC-120 データシート(PDF) 32 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PA28F004SC-120 データシート(HTML) 32 Page - Intel Corporation |
|
32 / 42 page ![]() BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY E 32 PRELIMINARY 6.4 DC Characteristics—Commercial Temperature(Continued) 2.7 V VCC 3.3 V VCC 5 V VCC Test Sym Parameter Notes Min Max Min Max Min Max Unit Conditions VIL Input Low Voltage 7 –0.5 0.8 –0.5 0.8 –0.5 0.8 V VIH Input High Voltage 7 2.0 VCC + 0.5 2.0 VCC + 0.5 2.0 VCC + 0.5 V VOL Output Low Voltage 3,7 0.4 0.4 0.45 V VCC = VCC Min IOL = 2 mA (2.7V, 3.3V) 5.8 mA (5V) VOH1 Output High Voltage (TTL) 3,7 2.4 2.4 2.4 V VCC = VCC Min IOH = –2.5 mA VOH2 Output High Voltage (CMOS) 3,7 0.85 VCC 0.85 VCC 0.85 VCC VVCC = VCC Min IOH = –2.5 mA VCC –0.4 VCC –0.4 VCC –0.4 VVCC = VCC Min IOH = –100 µA VPPLK VPP Lockout Voltage 4,7 1.5 1.5 1.5 V VPPH1 VPP Voltage 3.0 3.6 V VPPH2 VPP Voltage 4.5 5.5 4.5 5.5 VPPH3 VPP Voltage 11.4 12.6 11.4 12.6 V VLKO VCC Lockout Voltage 2.0 2.0 2.0 V VHH RP# Unlock Voltage 8,9 11.4 12.6 11.4 12.6 V Set Master Lock-Bit Override Lock-Bit NOTES: 1. All currents are in RMS unless otherwise noted. Typical values at nominal VCC voltage and TA = +25 °C. These currents are valid for all product versions (packages and speeds). 2. ICCWS and ICCES are specified with the device de-selected. If read or written while in erase suspend mode, the device’s current is the sum of ICCWS or ICCES and ICCR or ICCW. 3. Includes RY/BY#. 4. Block erases, programs, and lock-bit configurations are inhibited when VPP ≤ VPPLK, and not guaranteed in the range between VPPLK (max) and VPPH1 (min), between VPPH1 (max) and VPPH2 (min), between VPPH2 (max) and VPPH3 (min), and above VPPH3 (max). 5. Automatic Power Savings (APS) reduces typical ICCR to 1 mA at 5 V and 3 mA at 2.7 V and 3.3 V VCC in static operation. 6. CMOS inputs are either VCC ± 0.2 V or GND ± 0.2 V. TTL inputs are either VIL or VIH. 7. Sampled, not 100% tested. 8. Master lock-bit set operations are inhibited when RP# = VIH. Block lock-bit configuration operations are inhibited when the master lock-bit is set and RP# = VIH. Block erases and programs are inhibited when the corresponding block-lock bit is set and RP# = VIH. Block erase, program, and lock-bit configuration operations are not guaranteed and should not be attempted with VIH < RP# < VHH. 9. RP# connection to a VHH supply is allowed for a maximum cumulative period of 80 hours. |