| データシートサーチシステム |
|
28F016SA データシート(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F016SA データシート(HTML) 45 Page - Intel Corporation |
|
45 / 55 page ![]() E 28F016SA 45 V V WE# (W) OE# (G) RP# (P) V PP CEx#(E) (V) DEEP POWER-DOWN IH IL V V IH IL V V IH IL ADDRESSES (A) t AVAV t EHAX t EHWH WLEL t t EHDX EHEL t V V IH IL t ELEH t DVEH V IH IL V V IH V IL PHEL t HIGH Z IN D D IN IN A t QVVL D IN IL V IH V PPH V PPL V t VPEH READ EXTENDED STATUS REGISTER DATA DATA (D/Q) t EHQV1,2 WRITE DATA-WRITE OR ERASE SETUP COMMAND WRITE VALID ADDRESS & DATA (DATA-WRITE) OR ERASE CONFIRM COMMAND AUTOMATED DATA-WRITE OR ERASE DELAY V V RY/BY# (R) t EHRL OH OL V V IH IL ADDRESSES (A) IN A READ COMPATIBLE STATUS REGISTER DATA D IN WRITE READ EXTENDED REGISTER COMMAND A=RA NOTE 1 NOTE 2 NOTE 3 NOTE 4 D OUT AVEH t t RHPL t GHEL NOTE 5 t AVAV t EHAX AVEH t t EHGL 0489_15 NOTES: 1. This address string depicts data program/block erase cycles with corresponding verification via ESRD. 2. This address string depicts data program/block erase cycles with corresponding verification via CSRD. 3. This cycle is invalid when using CSRD for verification during data program/block erase operations. 4. CEX# is defined as the latter of CE0# or CE1# going low or the first of CE0# or CE1# going high. 5. RP# low transition is only to show tRHPL; not valid for above read and program cycles. Figure 16. Alternate AC Waveforms for Command Write Operations |