データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IDT54FCT373CSOB データシート(PDF) 2 Page - Integrated Device Technology

部品番号 IDT54FCT373CSOB
部品情報  FAST CMOS OCTAL TRANSPARENT LATCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT373CSOB データシート(HTML) 2 Page - Integrated Device Technology

  IDT54FCT373CSOB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT373CSOB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7.12
2
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
IDT54/74FCT373
2602 cnv* 03–08
IDT54/74FCT573
IDT54/74FCT533
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
O7
D7
D6
O6
O5
D4
LE
D5
O4
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
&
E20-1
INDEX
D1
O1
O2
D2
D3
D7
D6
O6
O5
D5
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 10 111213
L20-2
D0
D1
D2
D3
D4
D5
D6
D7
GND
O0
O1
O2
O3
O4
O6
LE
O5
O7
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
&
E20-1
INDEX
D2
D3
D4
D5
D6
O1
O2
O3
O4
O5
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 10 111213
L20-2
OE
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
O7
D7
D6
O6
O5
D4
LE
D5
O4
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
&
E20-1
INDEX
D1
D7
LCC
TOP VIEW
D6
O6
O5
D5
O1
O2
D2
D3
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 10111213
L20-2



Html Pages

1 2 3 4 5 6 7 8