| データシートサーチシステム |
|
28F016XS データシート(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F016XS データシート(HTML) 21 Page - Intel Corporation |
|
21 / 54 page ![]() E 28F016XS FLASH MEMORY 21 4/15/97 9:41 AM 9053204.DOC INTEL CONFIDENTIAL (until publication date) 4.6 Global Status Register WSMS OSS DOS R R R R R 7 654 321 0 NOTES: GSR.7 = WRITE STATE MACHINE STATUS 1 = Ready 0 = Busy RY/BY# output or WSMS bit must be checked to determine completion of an operation (block lock, suspend, Upload Status Bits, erase or data program) before the appropriate Status bit (OSS or DOS) is checked for success. GSR.6 = OPERATION SUSPEND STATUS 1 = Operation Suspended 0 = Operation in Progress/Completed GSR.5 = DEVICE OPERATION STATUS 1 = Operation Unsuccessful 0 = Operation Successful or Currently Running GSR.4–0 = RESERVED FOR FUTURE ENHANCEMENTS These bits are reserved for future use; mask them out when polling the GSR. |