データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

28F200B5 データシート(PDF) 21 Page - Intel Corporation

部品番号 28F200B5
部品情報  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

28F200B5 データシート(HTML) 21 Page - Intel Corporation

Back Button 28F200B5 Datasheet HTML 17Page - Intel Corporation 28F200B5 Datasheet HTML 18Page - Intel Corporation 28F200B5 Datasheet HTML 19Page - Intel Corporation 28F200B5 Datasheet HTML 20Page - Intel Corporation 28F200B5 Datasheet HTML 21Page - Intel Corporation 28F200B5 Datasheet HTML 22Page - Intel Corporation 28F200B5 Datasheet HTML 23Page - Intel Corporation 28F200B5 Datasheet HTML 24Page - Intel Corporation 28F200B5 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
E
SMART 5 BOOT BLOCK MEMORY FAMILY
21
ADVANCE INFORMATION
SR.7 = 1
?
NO
YES
Start
Write 40H,
Word/Byte Address
Write Word/Byte
Data/Address
Full Status
Check if Desired
Word/Byte Program
Complete
FULL STATUS CHECK PROCEDURE
1
0
Read Status Register
Data (See Above)
1
0
Read
Status Register
V
PP Range Error
Bus
Operation
Command
Comments
Standby
Standby
Check SR.3
1 = V
PP Low Detect
SR.3 MUST be cleared, if set during a program attempt,
before further attempts are allowed by the Write State Machine.
SR.4 is only cleared by the Clear Status Register Command, in cases
where multiple bytes are programmed before full status is checked.
If error is detected, clear the Status Register before attempting
retry or other error recovery.
Bus
Operation
Command
Comments
Write
Write
Setup
Program
Data = Data to Program
Addr = Location to Program
Read
Data = 40H
Addr = Word/Byte to Program
Check SR.7
1 = WSM Ready
0 = WSM Busy
Repeat for subsequent word/byte program operations.
SR Full Status Check can be done after each word/byte
program operation, or after a sequence of word/byte programs.
Write FFH after the last program operation to reset device to
read array mode.
Standby
SR.3 =
SR.4 =
Word/Byte Program
Error
Word/Byte Program
Successful
Check SR.4
1 = Word Byte Program Error
Program
Status Register Data
Toggle CE# or OE#
to Update SRD.
0599-07
Figure 8. Automated Word/Byte Program Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38