データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80188 データシート(PDF) 20 Page - Intel Corporation

部品番号 80188
部品情報  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80188 データシート(HTML) 20 Page - Intel Corporation

Back Button 80188 Datasheet HTML 16Page - Intel Corporation 80188 Datasheet HTML 17Page - Intel Corporation 80188 Datasheet HTML 18Page - Intel Corporation 80188 Datasheet HTML 19Page - Intel Corporation 80188 Datasheet HTML 20Page - Intel Corporation 80188 Datasheet HTML 21Page - Intel Corporation 80188 Datasheet HTML 22Page - Intel Corporation 80188 Datasheet HTML 23Page - Intel Corporation 80188 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
8018680188
WAVEFORMS (Continued)
MAJOR CYCLE TIMING
(Continued)
NOTES
272430 – 9
1 INTA occurs one clock later in slave mode
2 Status inactive just prior to T4
3 If latched A1 and A2 are selected instead of PCS5 and PCS6 only TCLCSV is applicable
4 Pin names in parentheses apply to the 80188
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33