データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80960CF-30 データシート(PDF) 39 Page - Intel Corporation

部品番号 80960CF-30
部品情報  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 データシート(HTML) 39 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 35Page - Intel Corporation 80960CF-30 Datasheet HTML 36Page - Intel Corporation 80960CF-30 Datasheet HTML 37Page - Intel Corporation 80960CF-30 Datasheet HTML 38Page - Intel Corporation 80960CF-30 Datasheet HTML 39Page - Intel Corporation 80960CF-30 Datasheet HTML 40Page - Intel Corporation 80960CF-30 Datasheet HTML 41Page - Intel Corporation 80960CF-30 Datasheet HTML 42Page - Intel Corporation 80960CF-30 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
271328 – 24
NOTE
Case 1 and Case 2 show two possible polarities of PCLK21
Figure 22a Clock Synchronization in the 2x Clock Mode
271328 – 25
NOTE
In 1x clock mode the RESET pin is actually sampled on the falling edge of 2XCLK 2XCLK is an internal signal generat-
ed by the PLL and is not available on an external pin Therefore RESET is specified relative to the rising edge of CLKIN
The RESET pin is sampled when PCLK is high
Figure 22b Clock Synchronization in the 1x Clock Mode
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62