| データシートサーチシステム |
|
80960HT データシート(PDF) 81 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HT データシート(HTML) 81 Page - Intel Corporation |
|
81 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 75 Figure 59. Bus States Ti = IDLE Th = HOLD Ta = ADDRESS Td = DATA Tb = BOFF’ed Taw= address to data wait To = ONCE Ta Tb Td1 Taw2 Trw4 Tdw3 Th Ti To Tdw= data to data wait Tdw= data to address wait !BOFF and READ and Nrdd =0 READ and Nrdd >0 or WRITE and Nwdd >0 BOFF WdCNT = 1 !BOFF and WaCNT = 1 WxCNT=1 and HOLD WxCNT > 1 BOFF !BOFF HOLD HOLD !HOLD NOTE: 1. When the PMCON for the region has External Ready Control enabled, wait states are inserted as long as READY and BTERM are de-asserted. When Read Pipelining is enabled, the Ta state of the subsequent read access is concurrent with the last data cycle of the access. Because External Ready Control is disabled for Read Pipelining, the address cycle occurs during BLAST. 2. WaCNT is decremented during Taw 3. WdCNT is decremented during Tdw 4. WxCNT is decremented during Trw !HOLD and WxCNT=1 and !REQUEST !HOLD and WxCNT=1 and REQUEST !RESET and !HOLD and REQUEST RESET and ONCE and RESET WaCNT > 1 READ and Nrad >0 or WRITE and Nwad >0 !BOFF and READ and Nrad =0 or !BOFF and WRITE and Nwad =0 !BOFF and READY and !BLAST or !HOLD and BLAST and REQUEST and NXDA =0 WdCNT > 1 KEY: !BOFF and and Nxda=0 HOLD and BLAST !BOFF and !HOLD and Nxda =0 BLAST and and !BLAST or !BOFF and WRITE and Nwdd = 0 and !BLAST or Nxda >0 REQUEST= One or more requests in the bus queue. READ= The current access is a read. WRITE= The current access is a write. RESET BLAST and BOFF and !REQUEST !ONCE READY! !BOFF and BTERM and !BLAST or !BOFF and |