| データシートサーチシステム |
|
80960KB データシート(PDF) 4 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960KB データシート(HTML) 4 Page - Intel Corporation |
|
4 / 39 page ![]() 80960KB 3 Table 1. 80960KB Instruction Set Data Movement Arithmetic Logical Bit and Bit Field Load Store Move Load Address Add Subtract Multiply Divide Remainder Modulo Shift And Not And And Not Or Exclusive Or Not Or Or Not Exclusive Nor Not Nand Rotate Set Bit Clear Bit Not Bit Check Bit Alter Bit Scan For Bit Scan Over Bit Extract Modify Comparison Branch Call/Return Fault Compare Conditional Compare Compare and Increment Compare and Decre- ment Unconditional Branch Conditional Branch Compare and Branch Call Call Extended Call System Return Branch and Link Conditional Fault Synchronize Faults Debug Miscellaneous Decimal Floating Point Modify Trace Controls Mark Force Mark Atomic Add Atomic Modify Flush Local Registers Modify Arithmetic Con- trols Scan Byte for Equal Test Condition Code Modify Process Controls Decimal Move Decimal Add with Carry Decimal Subtract with Carry Move Real Add Subtract Multiply Divide Remainder Scale Round Square Root Sine Cosine Tangent Arctangent Log Log Binary Log Natural Exponent Classify Copy Real Extended Compare Synchronous Conversion Synchronous Load Synchronous Move Convert Real to Integer Convert Integer to Real |