データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS80C186EB13 データシート(PDF) 20 Page - Intel Corporation

部品番号 TS80C186EB13
部品情報  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

TS80C186EB13 データシート(HTML) 20 Page - Intel Corporation

Back Button TS80C186EB13 Datasheet HTML 16Page - Intel Corporation TS80C186EB13 Datasheet HTML 17Page - Intel Corporation TS80C186EB13 Datasheet HTML 18Page - Intel Corporation TS80C186EB13 Datasheet HTML 19Page - Intel Corporation TS80C186EB13 Datasheet HTML 20Page - Intel Corporation TS80C186EB13 Datasheet HTML 21Page - Intel Corporation TS80C186EB13 Datasheet HTML 22Page - Intel Corporation TS80C186EB13 Datasheet HTML 23Page - Intel Corporation TS80C186EB13 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 8 SQFP Pin Functions with Location
AD Bus
AD0
47
AD1
52
AD2
54
AD3
56
AD4
58
AD5
60
AD6
62
AD7
64
AD8 (A8)
48
AD9 (A9)
53
AD10 (A10)
55
AD11 (A11)
57
AD12 (A12)
59
AD13 (A13)
61
AD14 (A14)
63
AD15 (A15)
65
A16
66
A17
67
A18
68
A19ONCE
69
Bus Control
ALE
75
BHE
(RFSH )76
S0
79
S1
78
S2
77
RD
73
WR
74
READY
6
DEN
80
LOCK
4
HOLD
2
HLDA
1
Processor Control
RESIN
25
RESOUT
26
CLKIN
28
OSCOUT
27
CLKOUT
31
TEST
BUSY
3
NMI
5
INT0
19
INT1
20
INT2INTA0
21
INT3INTA1
22
INT4
23
PDTMR
24
Power and Ground
VCC
11
VCC
29
VCC
50
VCC
71
VSS
10
VSS
30
VSS
49
VSS
51
VSS
70
VSS
72
IO
UCS
18
LCS
17
P10GCS0
16
P11GCS1
15
P12GCS2
14
P13GCS3
13
P14GCS4
12
P15GCS5
9
P16GCS6
8
P17GCS7
7
P20RXD1
44
P21TXD1
45
P22BCLK1
46
P23SINT1
42
P24CTS1
43
P25BCLK0
41
P26
37
P27
36
CTS0
38
TXD0
39
RXD0
40
T0IN
33
T1IN
35
T0OUT
32
T1OUT
34
Table 9 SQFP Pin Locations with Pin Names
1
HLDA
2
HOLD
3
TEST
4
LOCK
5
NMI
6
READY
7
P17GCS7
8
P16GCS6
9
P15GCS5
10
VSS
11
VCC
12
P14GCS4
13
P13GCS3
14
P12GCS2
15
P11GCS1
16
P10GCS0
17
LCS
18
UCS
19
INT0
20
INT1
21
INT1INTA0
22
INT3INTA1
23
INT4
24
PDTMR
25
RESIN
26
RESOUT
27
OSCOUT
28
CLKIN
29
VCC
30
VSS
31
CLKOUT
32
T0OUT
33
T0IN
34
T1OUT
35
T1IN
36
P27
37
P26
38
CTS0
39
TXD0
40
RXD0
41
P25BCLK0
42
P23SINT1
43
P24CTS1
44
P20RXD1
45
P21TXD1
46
P22BCLK1
47
AD0
48
AD8 (A8)
49
VSS
50
VCC
51
VSS
52
AD1
53
AD9 (A9)
54
AD2
55
AD10 (A10)
56
AD3
57
AD11 (A11)
58
AD4
59
AD12 (A12)
60
AD5
61
AD13 (A13)
62
AD6
63
AD14 (A14)
64
AD7
65
AD15 (A15)
66
A16
67
A17
68
A18
69
A19ONCE
70
VSS
71
VCC
72
VSS
73
RD
74
WR
75
ALE
76
BHE
(RFSH )
77
S2
78
S1
79
S0
80
DEN
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59