| データシートサーチシステム |
|
82375EB データシート(PDF) 6 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82375EB データシート(HTML) 6 Page - Intel Corporation |
|
6 / 131 page ![]() CONTENTS PAGE 543 RETRY THRASHING RESOLVE 91 5431 Resume Function 91 5432 Master Retry Timer 92 544 BUS LOCK MODE 92 545 MEMREQ FLSHREQ AND MEMACK PROTOCOL 92 5451 Flushing System Posted Write Buffers 93 5452 Guaranteed Access Time Mode 94 5453 Interrupt Synchronization-Buffer Flushing 95 546 BUS PARKING 95 547 PCI ARBITRATION AND PCEBESC EISA OWNERSHIP EXCHANGE 96 5471 GAT Mode and PEREQ Signaling 96 5472 PCI Retry and EISA Latency Timer (ELT) Mechanism 96 60 DATA BUFFERING 97 61 Line Buffers 98 611 WRITE STATE 98 612 READ STATE 99 62 Buffer Management Summary 100 70 EISA INTERFACE 101 71 PCEB As An EISA Master 102 711 STANDARD EISA MEMORY AND IO READWRITE CYCLES 102 712 EISA BACK-OFF CYCLE 103 72 PCEB As An EISA Slave 105 721 EISA MEMORY AND IO READWRITE CYCLES 106 722 EISA MEMORY BURST CYCLES 107 73 IO Recovery 108 80 EISA DATA SWAP BUFFERS 109 81 Data Assembly And Disassembly 109 82 The Copy Operation (Up Or Down) 110 83 The Re-Drive Operation 111 90 BIOS TIMER 114 91 Bios Timer Operations 114 6 |