データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX07 データシート(PDF) 14 Page - STMicroelectronics

部品番号 74LCX07
部品情報  Low-voltage CMOS hex buffer (open drain)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07 データシート(HTML) 14 Page - STMicroelectronics

Back Button 74LCX07 Datasheet HTML 8Page - STMicroelectronics 74LCX07 Datasheet HTML 9Page - STMicroelectronics 74LCX07 Datasheet HTML 10Page - STMicroelectronics 74LCX07 Datasheet HTML 11Page - STMicroelectronics 74LCX07 Datasheet HTML 12Page - STMicroelectronics 74LCX07 Datasheet HTML 13Page - STMicroelectronics 74LCX07 Datasheet HTML 14Page - STMicroelectronics 74LCX07 Datasheet HTML 15Page - STMicroelectronics 74LCX07 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
74LCX07
14/16
Doc ID 6818 Rev 8
Figure 9.
Tape and reel TSSOP14 outline
Drawing is not in scale.
Table 14.
Tape and reel TSSOP14 mechanical data
Symbol
Dimensions
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16