| データシートサーチシステム |
|
P87C511 データシート(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
P87C511 データシート(HTML) 21 Page - Intel Corporation |
|
21 / 21 page ![]() 87C5180C51BH80C31BH Thermal Impedance All thermal impedance data is approximate for static air conditions at 1W of power dissipation Values will change depending on operating conditions and ap- plications See the Intel Packaging Handbook (Order No 240800) for a description of Intel’s thermal im- pedance test methodology Package iJA iJC Device P45 CW 16 CW 87C51 75 CW 23 CW BH D45 CW 15 CW 87C51 36 CW 13 CW BH N46 CW 16 CW All S98 CW 24 CW All DATA SHEET REVISION HISTORY Data sheets are changed as new device information becomes available Verify with your local Intel sales office that you have the latest version before finaliz- ing a design or ordering devices The following differences exist between this data- sheet (272335-003) and the previous version (272335-002) 1 Removed b20 and b3 spec replaced with b24 spec 2 Added b24 spec 3 80C51BHP is replaced by 80C51BH with 64-byte encryption table submitted and lock bit 1 set 4 80C51BH80C31BH are now having some addi- tional features as 87C51 5 Revised PRST value and ICC idle values 6 Added P33 control pin to programming and veri- fication 7 Added 80C51BH signature byte The following differences exist between the ‘‘-002’’ and the ‘‘-001’’ version of the 87C5180C51BH 80C31BH datasheet 1 Removed bL IOL e g10 mA from Float Wave- forms figure 2 Removed QP QD and QN (commercial with ex- tended burn-in) from Table 3 Prefix Identification This data sheet (272335-001) replaces the following 80C51BH80C31BH Express 270218-003 80C51BHP 270603-004 87C5180C51BH80C31BH 270147-008 87C51 Express 270430-002 87C51-20-3 272082-002 21 |