データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S83C196KB データシート(PDF) 5 Page - Intel Corporation

部品番号 S83C196KB
部品情報  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196KB データシート(HTML) 5 Page - Intel Corporation

  S83C196KB Datasheet HTML 1Page - Intel Corporation S83C196KB Datasheet HTML 2Page - Intel Corporation S83C196KB Datasheet HTML 3Page - Intel Corporation S83C196KB Datasheet HTML 4Page - Intel Corporation S83C196KB Datasheet HTML 5Page - Intel Corporation S83C196KB Datasheet HTML 6Page - Intel Corporation S83C196KB Datasheet HTML 7Page - Intel Corporation S83C196KB Datasheet HTML 8Page - Intel Corporation S83C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
8XC196KB8XC196KB16
270909 – 4
NOTE
NC means No Connect (do not connect these pins)
Figure 4 80-Pin QFP Package
NOTE
The above pin out diagram applies to the OTP (87C196KB) device The OTP device uses all of the programming pins shown
above The ROM (83C196KB) device only uses programming pins AINC PALE PMODEn and PROG The ROMless
(80C196KB) doesn’t use any of the programming pins
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22