データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28F008 データシート(PDF) 13 Page - Intel Corporation

部品番号 M28F008
部品情報  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 データシート(HTML) 13 Page - Intel Corporation

Back Button M28F008 Datasheet HTML 9Page - Intel Corporation M28F008 Datasheet HTML 10Page - Intel Corporation M28F008 Datasheet HTML 11Page - Intel Corporation M28F008 Datasheet HTML 12Page - Intel Corporation M28F008 Datasheet HTML 13Page - Intel Corporation M28F008 Datasheet HTML 14Page - Intel Corporation M28F008 Datasheet HTML 15Page - Intel Corporation M28F008 Datasheet HTML 16Page - Intel Corporation M28F008 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
M28F008
271232 – 6
Bus
Command
Comments
Operation
Write
Erase
Data e 20H
Setup
Address e Within block to be
erased
Write
Erase
Data e D0H
Address e Within block to be
erased
StandbyRead
Check RYBY
VOH e Ready VOL e Busy
or
Read Status Register
Check SR7
1 e Ready 0 e Busy
Toggle OE or CE to update
Status Register
Repeat for subsequent bytes
Full status check can be done after each block or after a
sequence of blocks
Write FFH after the last block erase operation to reset the
device to Ready Array Mode
FULL STATUS CHECK PROCEDURE
271232 – 7
Bus
Command
Comments
Operation
Optional
CPU may already have read
Status Register data in WSM
Read
Ready polling above
Standby
Check SR3
1 e VPP Low Detect
Standby
Check SR45
Both 1 e Command Sequence
Error
Standby
Check SR5
1 e Block Erase Error
SR3 MUST be cleared if set during a block erase attempt
before further attempts are allowed by the Write State
Machine
SR5 is only cleared by the Clear Status Register Command
in cases where multiple blocks are erased before full status is
checked
If error is detected clear the Status Register before
attempting retry or other error recovery
Figure 6 Automated Block Erase Flowchart
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28