データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M80C86 データシート(PDF) 13 Page - Intel Corporation

部品番号 M80C86
部品情報  16-BIT CHMOS MICROPROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

M80C86 データシート(HTML) 13 Page - Intel Corporation

Back Button M80C86 Datasheet HTML 9Page - Intel Corporation M80C86 Datasheet HTML 10Page - Intel Corporation M80C86 Datasheet HTML 11Page - Intel Corporation M80C86 Datasheet HTML 12Page - Intel Corporation M80C86 Datasheet HTML 13Page - Intel Corporation M80C86 Datasheet HTML 14Page - Intel Corporation M80C86 Datasheet HTML 15Page - Intel Corporation M80C86 Datasheet HTML 16Page - Intel Corporation M80C86 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M80C86M80C86-2
WAVEFORMS (Continued)
MINIMUM MODE
(Continued)
271058 – 6
NOTES
1 All output timing measurements are made at 15V
2 RDY is sampled near the end of T2 T3 TW to determine if TW machines states are to be inserted
3 Two INTA cycles run back-to-back The M80C86 local ADDRDATA BUS is floating during both INTA cycles Control
signals shown for second INTA cycle
4 Signals at M82C84A are shown for reference only
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19