| データシートサーチシステム |
|
82C50 データシート(PDF) 21 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
82C50 データシート(HTML) 21 Page - Intersil Corporation |
|
21 / 21 page ![]() 21 FIGURE 8. RECEIVER TIMING FIGURE 9. TRANSMITTER TIMING FIGURE 10. MODEM CONTROLS TIMING Timing Waveforms (Continued) tSCD (34) 8 CLKS RCLK SAMPLE CLK SIN (RECEIVER INPUT DATA) SAMPLE CLK INTERRUPT (DATA READY OR RCVR ERR) DISTR/DISTR (READ REC DATA BUFFER OR ROLSR) NOTE 2 START DATA BITS (5-8) PARITY STOP tSINT (35) tRINT (36) ACTIVE NOTES: 1. See Write Cycle Timing. 2. See Read Cycle Timing. NOTES: 1. See Write Cycle Timing. 2. See Read Cycle Timing. START DATA (5-8) PARITY STOP (1-2) START tSTI (40) tIR (41) SERIAL OUT (SOUT) INTERRUPT (THRE) DOSTR/DOSTR (WR THR) NOTE 1 DISTR/DISTR (RD IIR) NOTE 2 (38) tIRS (39) tSI (37) tHR (37) tHR ACTIVE ACTIVE tMDO (42) tMDO (42) tRIM (44) (43) tSIM tSIM (43) tSIM (43) DOSTR/DOSTR (WR MCR) NOTE 1 RTS, DTR OUT1, OUT2 CTS, DST, DCD INTERRUPT DISTR/DISTR (RD MSR) NOTE 2 RI ACTIVE tRIM (44) NOTES: 1. See Write Cycle Timing. 2. See Read Cycle Timing. 82C50A |