データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6208Q データシート(PDF) 28 Page - STMicroelectronics

部品番号 L6208Q
部品情報  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q データシート(HTML) 28 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 24Page - STMicroelectronics L6208Q Datasheet HTML 25Page - STMicroelectronics L6208Q Datasheet HTML 26Page - STMicroelectronics L6208Q Datasheet HTML 27Page - STMicroelectronics L6208Q Datasheet HTML 28Page - STMicroelectronics L6208Q Datasheet HTML 29Page - STMicroelectronics L6208Q Datasheet HTML 30Page - STMicroelectronics L6208Q Datasheet HTML 31Page - STMicroelectronics L6208Q Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Thermal management
L6208Q
28/34
DocID018710 Rev 3
8
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Therefore, it must
be considered very carefully. Besides the available space on the PCB, the right package
should be chosen considering the power dissipation. Heat sinking can be achieved using
copper on the PCB with proper area and thickness.
Table 7. Thermal data
Symbol
Parameter
Package
Typ.
Unit
RthJA
Thermal resistance junction-ambient
VFQFPN48(1)
1. VFQFPN48 mounted on the EVAL6208Q rev 1 board (see EVAL6208Q databrief): four-layer FR4 PCB with
a dissipating copper surface of about 45 cm2 on each layer and 25 via holes below the IC.
17
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34