| データシートサーチシステム |
|
AP89341 データシート(PDF) 9 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AP89341 データシート(HTML) 9 Page - Aplus Intergrated Circuits |
|
9 / 24 page ![]() Integrated Circuits Inc. aP89341/170/085 Ver 5.0 8 Aug 23, 2010 Key Trigger Mode (M1=0, M0=0) With this trigger mode, the beginning 32 Voice Groups are triggered by setting S1 to S8 to HIHG or LOW in different combinations. Each Voice Group can have its only independent trigger options (See Fig. 4, 5, 7 and 8 for trigger options definition). A maximum of 254 Voice Groups are available. The 33rd to 254th Voice Groups can only be triggered one by one sequentially with the SBT key (See Fig. 6 and 9). The setting of S1 to S8 for triggering the 1st to the 32nd Voice Groups are as follow: Voice Group S1 S2 S3 S4 S5 S6 S7 S8 1 HIGH NC NC NC NC NC NC NC 2 NC HIGH NC NC NC NC NC NC 3 NC NC HIGH NC NC NC NC NC 4 NC NC NC HIGH NC NC NC NC 5 NC NC NC NC HIGH NC NC NC 6 NC NC NC NC NC HIGH NC NC 7 NC NC NC NC NC NC HIGH NC 8 NC NC NC NC NC NC NC HIGH 9 HIGH HIGH NC NC NC NC NC NC 10 NC HIGH HIGH NC NC NC NC NC 11 NC NC HIGH HIGH NC NC NC NC 12 NC NC NC HIGH HIGH NC NC NC 13 NC NC NC NC HIGH HIGH NC NC 14 NC NC NC NC NC HIGH HIGH NC 15 NC NC NC NC NC NC HIGH HIGH 16 HIGH NC NC NC NC NC NC HIGH 17 HIGH HIGH HIGH NC NC NC NC NC 18 NC HIGH HIGH HIGH NC NC NC NC 19 NC NC HIGH HIGH HIGH NC NC NC 20 NC NC NC HIGH HIGH HIGH NC NC 21 NC NC NC NC HIGH HIGH HIGH NC 22 NC NC NC NC NC HIGH HIGH HIGH 23 HIGH NC NC NC NC NC HIGH HIGH 24 HIGH HIGH NC NC NC NC NC HIGH 25 HIGH HIGH HIGH HIGH NC NC NC NC 26 NC HIGH HIGH HIGH HIGH NC NC NC 27 NC NC HIGH HIGH HIGH HIGH NC NC 28 NC NC NC HIGH HIGH HIGH HIGH NC 29 NC NC NC NC HIGH HIGH HIGH HIGH 30 HIGH NC NC NC NC HIGH HIGH HIGH 31 HIGH HIGH NC NC NC NC HIGH HIGH 32 HIGH HIGH HIGH NC NC NC NC HIGH Note: NC represents open or no connection |