データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q4025K6TP データシート(PDF) 5 Page - Littelfuse

部品番号 Q4025K6TP
部品情報  25 Amp Standard & Alternistor (High Commutation) Triacs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4025K6TP データシート(HTML) 5 Page - Littelfuse

  Q4025K6TP Datasheet HTML 1Page - Littelfuse Q4025K6TP Datasheet HTML 2Page - Littelfuse Q4025K6TP Datasheet HTML 3Page - Littelfuse Q4025K6TP Datasheet HTML 4Page - Littelfuse Q4025K6TP Datasheet HTML 5Page - Littelfuse Q4025K6TP Datasheet HTML 6Page - Littelfuse Q4025K6TP Datasheet HTML 7Page - Littelfuse Q4025K6TP Datasheet HTML 8Page - Littelfuse Q4025K6TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Revised: 07/11/14
Specifications are subject to change without notice.
©2014 Littelfuse, Inc
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Qxx25xx & Qxx25xHx Series
Figure 5: Power Dissipation (Typical) vs. RMS
On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
0
20
40
60
80
100
120
0.00.5
1.01.5
2.02.5
RMS On-State Current [I
T(RMS)] -- Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
FREE AIR RATING
Figure 7: Maximum Allowable Ambient Temperature vs. RMS On-State Current (TO-220 packages only)
10
100
1000
110
100
1000
Surge Current Duration -- Full Cycles
Qxx25R5
Qxx25N5
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5
Figure 8: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated Value at
Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
0
5
10
15
20
25
30
35
05
10
15
20
25
RMS On-State Current [I
T(RMS)] -- Amps
Qxx25R5
Qxx25N5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5
50
60
70
80
90
100
110
120
130
RMS On-State Current [I
T(RMS)] - Amps
05
10
15
20
25
30
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Qxx25R5
Qxx25N5
Qxx25K6
Qxx25J6
Qxx25L6
Qxx25LH5
Qxx25P5
Qxx25R6
Qxx25NH6
Qxx25RH5
Qxx25NH5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com