| データシートサーチシステム |
|
CD4085BMS データシート(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CD4085BMS データシート(HTML) 2 Page - Intersil Corporation |
|
2 / 9 page ![]() 7-1047 Specifications CD4085BMS Absolute Maximum Ratings Reliability Information DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .±10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 ± 1/32 Inch (1.59mm ± 0.79mm) from case for 10s Maximum Thermal Resistance . . . . . . . . . . . . . . . . θ ja θ jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W Maximum Package Power Dissipation (PD) at +125oC For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K) . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS PARAMETER SYMBOL CONDITIONS (NOTE 1) GROUP A SUBGROUPS TEMPERATURE LIMITS UNITS MIN MAX Supply Current IDD VDD = 20V, VIN = VDD or GND 1 +25oC- 2 µA 2 +125oC - 200 µA VDD = 18V, VIN = VDD or GND 3 -55oC- 2 µA Input Leakage Current IIL VIN = VDD or GND VDD = 20 1 +25oC -100 - nA 2 +125oC -1000 - nA VDD = 18V 3 -55oC -100 - nA Input Leakage Current IIH VIN = VDD or GND VDD = 20 1 +25oC - 100 nA 2 +125oC - 1000 nA VDD = 18V 3 -55oC - 100 nA Output Voltage VOL15 VDD = 15V, No Load 1, 2, 3 +25oC, +125oC, -55oC - 50 mV Output Voltage VOH15 VDD = 15V, No Load (Note 3) 1, 2, 3 +25oC, +125oC, -55oC 14.95 - V Output Current (Sink) IOL5 VDD = 5V, VOUT = 0.4V 1 +25oC 0.53 - mA Output Current (Sink) IOL10 VDD = 10V, VOUT = 0.5V 1 +25oC 1.4 - mA Output Current (Sink) IOL15 VDD = 15V, VOUT = 1.5V 1 +25oC 3.5 - mA Output Current (Source) IOH5A VDD = 5V, VOUT = 4.6V 1 +25oC - -0.53 mA Output Current (Source) IOH5B VDD = 5V, VOUT = 2.5V 1 +25oC - -1.8 mA Output Current (Source) IOH10 VDD = 10V, VOUT = 9.5V 1 +25oC - -1.4 mA Output Current (Source) IOH15 VDD = 15V, VOUT = 13.5V 1 +25oC - -3.5 mA N Threshold Voltage VNTH VDD = 10V, ISS = -10 µA 1 +25oC -2.8 -0.7 V P Threshold Voltage VPTH VSS = 0V, IDD = 10 µA 1 +25oC 0.7 2.8 V Functional F VDD = 2.8V, VIN = VDD or GND 7 +25oC VOH > VDD/2 VOL < VDD/2 V VDD = 20V, VIN = VDD or GND 7 +25oC VDD = 18V, VIN = VDD or GND 8A +125oC VDD = 3V, VIN = VDD or GND 8B -55oC Input Voltage Low (Note 2) VIL VDD = 5V, VOH > 4.5V, VOL < 0.5V 1, 2, 3 +25oC, +125oC, -55oC - 1.5 V Input Voltage High (Note 2) VIH VDD = 5V, VOH > 4.5V, VOL < 0.5V 1, 2, 3 +25oC, +125oC, -55oC 3.5 - V Input Voltage Low (Note 2) VIL VDD = 15V, VOH > 13.5V, VOL < 1.5V 1, 2, 3 +25oC, +125oC, -55oC- 4 V Input Voltage High (Note 2) VIH VDD = 15V, VOH > 13.5V, VOL < 1.5V 1, 2, 3 +25oC, +125oC, -55oC11 - V NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs. 3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max. |