データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IDT74FCT652CTLB データシート(PDF) 2 Page - Integrated Device Technology

部品番号 IDT74FCT652CTLB
部品情報  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT652CTLB データシート(HTML) 2 Page - Integrated Device Technology

  IDT74FCT652CTLB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT652CTLB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.20
2
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
2634 drw 05
PIN DESCRIPTION
2634 tbl 01
2634 drw 04
2634 drw 02
Pin Names
Description
A1 - A8
Data Register A Inputs
Data Register B Outputs
B1 - B8
Data Register B Inputs
Data Register A Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
DIR,
G
Output Enable Inputs (646/648)
GAB,
GBA
Output Enable Inputs (652)
CPAB
SAB
DIR
A1
A2
A3
A4
A5
A6
GND
CPBA
SBA
G
B1
B2
B4
B3
B5
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7*
SO24-8
SO24-9*
&
E24-1
11
12
21
22
23
24
A7
A8
B6
B7
DIP/SOIC/SSOP/
QSOP/TSSOP/CERPACK
TOP VIEW
B8
* FCT646/2646T/AT/CT/DT only
CPAB
SAB
GAB
A1
A2
A3
A4
A5
A6
GND
CPBA
SBA
GBA
B1
B2
B4
B3
B5
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7*
SO24-8
&
E24-1
11
12
21
22
23
24
A7
A8
B6
B7
DIP/SOIC/SSOP/
QSOP/CERPACK
TOP VIEW
B8
* FCT652/2652T/AT/CT/DT only
INDEX
LCC
TOP VIEW
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
12 13
21
22
23
24
25
26
27
28
L28-1
A1
A2
A3
NC
A4
A5
A6
G
B1
B2
NC
B3
B4
B5
INDEX
LCC
TOP VIEW
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
12 13
21
22
23
24
25
26
27
28
L28-1
A1
A2
A3
NC
A4
A5
A6
GBA
B1
B2
NC
B3
B4
B5
FCT652/FCT2652T
FCT646/FCT2646T
FCT648
2634 drw 03



Html Pages

1 2 3 4 5 6 7 8 9