| データシートサーチシステム |
|
CDP1823CDX データシート(PDF) 5 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1823CDX データシート(HTML) 5 Page - Intersil Corporation |
|
5 / 7 page ![]() 6-28 Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, CL = 100pF PARAMETER SYMBOL VDD (V) LIMITS CDP1823 CDP1823C UNITS (NOTE 2) MIN (NOTE 1) TYP MAX (NOTE 2) MIN (NOTE 1) TYP MAX Write Cycle (See Figure 2) Write Recovery tWR 5 75- -75- - ns 10 50 ----- ns Write Cycle tWC 5 400 - - 400 - - ns 10 225 ----- ns Write Pulse Width tWRW 5 200 - - 200 - - ns 10 100 ----- ns Address Setup Time tAS 5 125 - - 125 - - ns 10 75 ----- ns Data Setup Time tDS 5 100 - - 100 - - ns 10 75 ----- ns Data Hold Time From MWR tDH 5 75- -75- - ns 10 50 ----- ns NOTES: 1. Typical values are at TA = 25 oC and nominal voltage. 2. Time required by a limit device to allow for the indicated function. ADDRESS tWC tAS tWR CS1, CS4 CS2, CS3, CS5 tWRW tDS tDH MWR BUS 0-7 VALID DATA NOTE: 1. MRD must be high during write operation. FIGURE 2. WRITE CYCLE TIMING DIAGRAM CDP1823, CDP1823C |